PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
5962-0721302QXC |
500MHz Rail-to-Rail Amplifiers 2 CHANNEL, VIDEO AMPLIFIER, CDFP10
|
Intersil, Corp.
|
EL8302 |
Triple, 500MHz, Rail-to-Rail Amplifier with Enable
|
Intersil
|
OP17902 OP279 OP179GRTZ-REEL OP179GRTZ-REEL7 OP179 |
16V; 50mA; rail-to-rail high output current operational amplifier. For multimedia, telecom, DAA transformer driver, LCD driver, low voltage servo control, modems, FET drivers Rail-to-Rail High Output Current Operational Amplifiers Rail-to-Rail High Output Current Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 5000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5 Rail-to-Rail High Output Current Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD5320 AD5320BRM AD5320BRT |
2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Output 12-Bit DAC in a SOT-23 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23 SERIAL INPUT LOADING, 12 us SETTLING TIME, 12-BIT DAC, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-0721302QXC 5962-0721303QYC |
500MHz Rail-to-Rail Amplifiers
|
Intersil Corporation
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
|
Cadeka Microcircuits LLC.
|
LT6014IS8 LT6013 LT6013ACDD LT6013ACS8 LT6013AIDD |
(LT6013 / LT6014) Rail-to-Rail Output Precision Op Amps U36D Series Large Can Aluminum Electrolytic Capacitor, Screw terminals, General Purpose Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps OP-AMP, 135 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, PDSO8 Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:45VDC; Capacitance:3900uF; Capacitance Tolerance: 20%; Leaded Process Compatible:No; Package/Case:76X105; Peak Reflow Compatible (260 C):No RoHS Compliant: No Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV 5, Rail-to-Rail Output Precision Op Amps Single/Dual 145UA, 9.5nV/ SIGMAHz, AV >5, Rail-to-Rail Output Precision Op Amps
|
Linear Technology, Corp. 运算放大 Linear Technology Corporation LINER[Linear Technology]
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
EDI8L24129V EDI8L24129V12BC EDI8L24129V10BC EDI8L2 |
128Kx24 SRAM 3.3 Volt(128Kx24, 3.3V,CMOS静态RAM) 500MHz Rail-to-Rail Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
White Electronic Designs Corporation
|
EL5223 EL5123 EL5123CY EL5123CY-T13 EL5123CY-T7 EL |
12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers LENS, 18X18MM, ORANGE; Colour:Orange; Length / Height, external:18mm; Width, external:18mm RoHS Compliant: Yes QUAD BUFFER AMPLIFIER, PDSO10 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PDSO28 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers OCTAL BUFFER AMPLIFIER, PDSO20 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers 12 BUFFER AMPLIFIER, PQCC32 12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers QUAD BUFFER AMPLIFIER, PDSO10 Sealing Tape; Tape Backing Material:Rubber; Width:0.75"; Roll Length:30ft; Color:Black RoHS Compliant: Yes 10 BUFFER AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
|